Part Number Hot Search : 
RF2365 M62320FP NTE2318 HER205 H11B2X L78S09 04597 S25S20PT
Product Description
Full Text Search
 

To Download PB254 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RAILWAYS
PB169/253/254
1 0 0 - 1 3 8 W AT T S R A I LW AY D C / D C C O N V E R T E R S
Features
* Input reverse polarity protected. * Input transient protected. * Input surge protection. * Meets IEC571, BRB12, BRB13 and BRB18 for input transients and surges
Specifications
INPUT
Voltage PB169: 20-30Vdc. PB253: 18-50Vdc. PB254: 74-138Vdc. 30% of Vin 800V indefinitely.
OPERATING
Efficiency at full load Isolation (with VR1 & VR2 removed) 73%-80% Input - Output: 1000VAC Input - Ground: 1000VAC Output - Ground: 500VAC
Input ripple voltage Input reverse polarity protection
ENVIRONMENTAL
Operating Temperature -20C to 45C (PB169, PB253). -10C to 60C (PB254).
OUTPUT
Output voltage PB169: 24Vdc. PB253: 24Vdc. PB254: 13.8Vdc. PB169: 4.2A. PB253: 4.2A. PB254: 10A. PB169: 100W. PB253: 100W. PB254: 138W. 0.36Vdc (PB169/253). 0.10Vdc (PB254). Input transient and surge protection C-Tick
STANDARDS AND APPROVALS
Designed to meet BRB 12, BRB 13, BRB 18 and IEC571-1. AS/NZS2064:1997 Group 1 Class A
Output current
MECHANICAL
Connections Dimensions 6-way terminal block connector PB169: 60x111x60mm. PB253: 60x111x60mm. PB254: 60x158x205mm. Four M4 slots
Output power
Line & load regulation
Mounting
396


▲Up To Search▲   

 
Price & Availability of PB254

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X